Part Number Hot Search : 
GRM21BR 8100K 1N4006 LP2830 M9102A MA142 74HCT16 ZMM5247B
Product Description
Full Text Search
 

To Download BL0510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
BL0509/BL0510 General Infrared Ray Remote Control Receiver
Description The BL0509/0510 is CMOS LSI designed for use on the general infrared ray remote control receiver, and when it is used in combination with BL9148, the remote control system can be constructed. The BL0509 is DIP 16 Pin type and is capable of controlling 10 functions, while the BL0510 is DIP 24 PIN type and is capable of controlling 18 functions. Except these, the principle and the block diagram of the two circuits are almost the same. Pin Assignment
GND R X IN HP 1 HP 2 HP 3 HP 4 HP 5 SP 5 1 2 3 4 5 6 7 8 DIP 24 PIN DIP 16 PIN
10F VDD OSC C 1 C 2 SP 1 SP 2 SP 3 SP 4
GND R X IN HP 1 HP 2 HP 3 HP 4 HP 5 HP 6 CP 2 CP 1 SP 10 SP 9 1 2 3 4 5 6 7 8 9 10 11 12
BL0509 16 15 14 13 12 11 10 9
C R 1000pF 1000pF 10K R X IN CONTROL SIGNAL
BL0510 24 23 22 21 20 19 18 17 16 15 14 13
Features High anti-interference: excellent capability to anti-interfere, such as fluorescent lamp's ballast, television, etc. No error-code can be output. When power on reset period, on pulse can be output from all ports and mal-operation can't be happened Able to output multiple keying signals parallel sent from the BL9148.(The BL0509 is able to output parallel up to 5functions,while the BL0510 is up to 6 functions) Single pulse, continuous pulse and cyclic pulse outputs are provided,(Cyclic pulse is available only for BL0510) A single terminal type oscillator by means of CR is provided Code detection circuit provided for code check with the transmitter preventing interference's form other types. Applications Use as remote control transmitters in audios, air conditioners, toys and others. BL0509 External Circuit BL0510 External Circuit
CONTROL SIGNAL
10F VDD OSC C 1 C 2 SP 1 SP 2 SP 3 SP 4 SP 5 SP 6 SP 7 SP 8 VDD C R 1000pF 1000pF CONTROL SIGNAL
GND R X IN HP1 HP2 HP3 HP4 HP5 SP5
V DD OSC Code 1 Code 2 SP 1 SP 2 SP 3 SP 4
V DD OSC Code 1 Code 2 SP 1 SP 2 SP 3 SP 4 SP 5 SP 6 SP 7 SP 8
BL0509
BL0510
GND R X IN HP1 HP2 HP3 HP4 HP5 HP6 CP2 CP1 SP10 SP9 10K R X IN CONTROL SIGNAL
Note: R=39K
C=1000pF
Note: R=39K
C=1000pF
Address
No.810, YiShan Road ShangHai China Tel
86-021-64850700 Fax
86-64852222 Zip.200233


▲Up To Search▲   

 
Price & Availability of BL0510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X